Part Number Hot Search : 
N80C32 AC166P07 0LZEM8X ACT3A01T ML6673 ALD523D 257003 SY87724L
Product Description
Full Text Search
 

To Download FMMT413 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
PROVISIONAL DATASHEET ISSUE 2 MARCH 1996 FEATURES * Avalanche mode operation * 50A Peak avalanche current * Low inductance packaging APPLICATIONS * Laser LED drivers * Fast edge generation * High speed pulse generators PARTMARKING DETAIL - 413
FMMT413
C B
E
SOT23
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Collector Current (25ns Pulse Width) Power Dissipation Operating and Storage Temperature Range PARAMETER Collector-Emitter Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current in Second Breakdown (Pulsed) Static Forward Current Transfer Ratio SYMBOL V(BR)CES VCEO(sus) V(BR)EBO MIN. 150 50 6 0.1 0.1 0.15 0.8 22 31 50 SYMBOL VCBO VCEO VEBO IC ICM Ptot Tj:Tstg TYP. MAX. VALUE 150 50 6 100 50 330 -55 to +150 UNIT V V V
A A
UNIT V V V mA A mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
CONDITIONS. IC=100A IC=10mA IE=100A VCB=120V VEB=4V IC=10mA, IB=1mA IC=10mA, IB=1mA VC=110V, CCE=4.7nF* VC=130V, CCE=4.7nF* IC=10mA, VCE=10V
Collector Cut-Off Current ICBO IEBO VCE(sat) VBE(sat) IUSB hFE
V V A A
*Measured within a circuit possessing an approximate loop inductance of 12nH. The I(USB) monitor circuitry reflects 0.15 Ohm into the Collector-Emitter Discharge Loop The FMMT413 device is a development product. Samples availability and release to production scheduled for June 1996 3 - 102
FMMT413
ELECTRICAL CHARACTERISTICS
PARAMETER Emitter Inductance Transition Frequency Collector-Base Capacitance . SYMBOL Le fT Ccb MIN. TYP. 2.5 150 2 MAX. UNIT nH MHz pF CONDITIONS. Standard SOT23 leads IC=10mA, VCE=5V f=20MHz VCB=10V, IE=0 f=1MHz
TYPICAL CHARACTERISTICS
50
- Avalanche Current (A)
CCE=2x4.7nF
40
Tamb=25C IB=5mA/ns p.r.f.=10KHz
CCE=4.7nF
30
CCE=2.2nF
20
CCE=1.0nF
10
I(
0
0
50
100
150
200
250
V5 - Supply Voltage (V)
3 - 103


▲Up To Search▲   

 
Price & Availability of FMMT413

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X